Part Number Hot Search : 
B1517 70246 06M16A P40NF TD623 BU401 KBU4005G 30000
Product Description
Full Text Search
 

To Download BY550-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BY550-50 ... BY550-1000
BY550-50 ... BY550-1000
Si-Rectifiers - Si-Gleichrichter Version 2005-09-20 Nominal current Nennstrom
O 5.4
0.1
5A 50...1000 V O 5.4 x 7.5 [mm] 1.0 g
Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
0.5
62.5
O 1.2 0.05
Dimensions - Mae [mm]
Maximum ratings Type Typ BY550-50 BY550-100 BY550-200 BY550-400 BY550-600 BY550-800 BY550-1000 Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 50 100 200 400 600 800 1000 TA = 50C f > 15 Hz TA = 25C TA = 25C IFAV IFRM IFSM i2t Tj TS
7.5 0.1
Type
Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 50 100 200 400 600 800 1000 5 A 1) 60 A 1) 300/335 A 450 A2s -50...+175C -50...+175C
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50/60 Hz half sine-wave Stostrom fur eine 50/60 Hz Sinus-Halbwelle Rating for fusing,t < 10 ms Grenzlastintegral, t < 10 ms Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/
(c) Diotec Semiconductor AG
1
BY550-50 ... BY550-1000 Characteristics Forward voltage - Durchlass-Spannung Leakage current - Sperrstrom Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to leads Warmewiderstand Sperrschicht - Anschlussdraht Tj = 25C Tj = 25C IF = 5 A VR = VRRM VF IR RthA RthL Kennwerte < 1.0 V < 20 A < 25 K/W 1) < 10 K/W
120 [%] 100
103 [A] 102
80
Tj = 125C
60
10
40 1 20 IFAV 0 0 TA 50 100 150 [C]
Rated forward current versus ambient temperature1) 1 Zul. Richtstrom in Abh. von der Umgebungstemp. )
Tj = 25C
IF 10-1
300a-(5a-1v)
0.4
VF
0.8
1.0
1.2
1.4
[V] 1.8
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
10
3
[A] 10
2
10 iF 1 1 10 10
2
[n]
10
3
Peak forward surge current versus number of cycles at 50 Hz Durchla-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of BY550-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X